PART |
Description |
Maker |
74AHCT04D-T |
Hex inverter - Description: Hex Inverter; TTL Enabled ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: /- 8 mA ; Power dissipation considerations: Low Power ; Propagation delay: 3 ns; Voltage: 4.5-5.5 V
|
NXP SEMICONDUCTORS
|
HEF4069 HEF4069UB HEF4069UBD HEF4069UBF HEF4069UBN |
HEF4069UB gates; Hex inverter CERAMIC CHIP/MIL-PRF-55681 Hex inverter; Package: SOT108-1 (SO14) Reel Pack, SMD, 13" 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex inverter; Package: SOT108-1 (SO14); Container: Tube 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOGIC GATE|HEX INVERTER|CMOS|SOP|14PIN|PLASTIC
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LCX04M 74LCX04TTR 74LCX04MTR -74LCX04M |
LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS CMOS HEX INVERTER WITH 5V TOLERANT INPUT
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|
74HCT14 74HCT14DR2G 74HCT14DTR2G 74HCT14.REV1 |
74HCT14 Data Sheet Hex Schmitt-Trigger Inverter; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 HCT SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex Schmitt−Trigger Inverter with LSTTL Compatible Inputs High−Performance Silicon−Gate CMOS
|
Rectron Semiconductor
|
MC74AC14 MC74AC14D MC74AC14N MC74ACT14 ON1173 MC74 |
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER From old datasheet system
|
ON Semiconductor Motorola, Inc
|
74ABT04 74ABT04PWDH 74ABT04D 74ABT04DB 74ABT04N 74 |
Hex inverter 六反相器 CERAMIC CHIP/MIL-PRF-55681 ABT SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
HD74LS06 HD74LS06P-E |
LS SERIES, HEX 1-INPUT INVERT GATE, PDIP14 Hex Inverter Buffers/Drivers (With Open Collector High-Voltage Outputs)
|
Renesas Electronics Corporation
|
MC74LCX14-D MC74LCX14M MC74LCX14MEL |
Low Voltage CMOS Hex Schmitt Inverter With 5 V-Tolerant Inputs LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
Rectron Semiconductor
|
MC14069UBCL MC14069UBCP MC14069UB MC14069UBD 4069U |
CERAMIC CHIP/MIL-PRF-55681 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 ORDERING INFORMATION Hex Inverter
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola Inc] ON Semi Motorola, Inc
|
74VHCU04 74VHCU04M 5825 |
HEX INVERTER SINGLE STAGE HEX INVERTER (SINGLE STAGE) From old datasheet system
|
STMicroelectronics
|
AT89C55-24PI AT89C55-16PA AT89C55-24PC AT89C55-24A |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SO -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 8-Bit Microcontroller with 20K Bytes Flash Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-TSSOP -40 to 125 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44
|
Atmel Corp. Atmel, Corp.
|